Part Number Hot Search : 
8677AE 40P03 FP6117 01310 B95110 M1254 P177032C HT81R18
Product Description
Full Text Search
 

To Download TZM5240B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TZM5221B to TZM5267B
Vishay Semiconductors
Small Signal Zener Diodes
Features
* Very sharp reverse characteristic * Very high stability e2 * Electrical data identical with the devices 1N5221B...1N5267B * Low reverse current level * VZ - tolerance 5 % * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
17205
Applications
* Voltage stabilization
Mechanical Data
Case: MiniMELF Glass case SOD80 Weight: approx. 31 mg Packaging codes/ options: GS18 / 10 k per 13" reel (8 mm tape), 10 k/box GS08 / 2.5 k per 7" reel (8 mm tape), 12.5 k/box
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Parameter Power dissipation Z-current Junction temperature Storage temperature range Test condition RthJA < 300 K/W Symbol Ptot IZ Tj Tstg Value 500 Ptot/VZ 175 - 65 to + 175 Unit mW mA C C
Thermal Characteristics
Tamb = 25 C, unless otherwise specified Parameter Test condition Symbol RthJA Value 500 Unit K/W Junction to ambient air on PC board 50 mm x 50 mm x 1.6 mm
Electrical Characteristics
Tamb = 25 C, unless otherwise specified Parameter Forward voltage Test condition IF = 200 mA Symbol VF Min Typ. Max 1.1 Unit V
Document Number 85609 Rev. 1.5, 21-Mar-06
www.vishay.com 1
TZM5221B to TZM5267B
Vishay Semiconductors Electrical Characteristics
Partnumber Zener Voltage Range1) VZ V typ TZM5221B TZM5222B TZM5223B TZM5224B TZM5225B TZM5226B TZM5227B TZM5228B TZM5229B TZM5230B TZM5231B TZM5232B TZM5233B TZM5234B TZM5235B TZM5236B TZM5237B TZM5238B TZM5239B TZM5240B TZM5241B TZM5242B TZM5243B TZM5244B TZM5245B TZM5246B TZM5247B TZM5248B TZM5249B TZM5250B TZM5251B TZM5252B TZM5253B TZM5254B TZM5255B TZM5256B TZM5257B TZM5258B TZM5259B TZM5260B TZM5261B TZM5262B TZM5263B TZM5264B 2.4 2.5 2.7 2.8 3 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 rzjT at IZT typ < 30 < 30 < 30 < 30 < 29 < 28 < 24 < 23 < 22 < 19 < 17 < 11 <7 <7 <5 <6 <8 <8 < 10 < 17 < 22 < 30 < 13 < 15 < 16 < 17 < 19 < 21 < 23 < 25 < 29 < 33 < 35 < 41 < 44 < 49 < 58 < 70 < 80 < 93 105 125 150 170 rzjK at IZK typ < 1200 < 1250 < 1300 < 1400 < 1600 < 1600 < 1700 < 1900 < 2000 < 1900 < 1600 < 1600 < 1600 < 1000 < 750 < 500 < 500 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 600 < 700 < 700 < 800 < 900 < 1000 < 1100 < 1300 < 1400 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9 8.5 7.8 7.4 7 6.6 6.2 5.6 5.2 5 4.6 4.5 4.2 3.8 3.4 3.2 3 2.7 2.5 2.2 2.1 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 < 100 < 100 < 75 < 75 < 50 < 25 < 15 < 10 <5 <5 <5 <5 <5 <5 <3 <3 <3 <3 <3 <3 <2 <1 < 0.5 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 < 0.1 1 1 1 1 1 1 1 1 1 2 2 3 3.5 4 5 6 6.5 6.5 7 8 8.4 9.1 9.9 10 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30 33 36 39 43 46 < - 0.085 < - 0.085 < - 0.080 < - 0.080 < - 0.075 < - 0.070 < - 0.065 < - 0.060 < 0.055 < 0.030 < 0.030 < + 0.038 < + 0.038 < + 0.045 < + 0.050 < + 0.058 < + 0.062 < + 0.065 < + 0.068 < + 0.075 < + 0.076 < + 0.077 < + 0.079 < + 0.082 < + 0.082 < + 0.083 < + 0.084 < + 0.085 < + 0.086 < + 0.086 < + 0.087 < + 0.088 < + 0.089 < + 0.090 < + 0.091 < + 0.091 < + 0.092 < + 0.093 < + 0.094 < + 0.095 < + 0.095 < + 0.096 < + 0.096 < + 0.097 IZT mA IZK mA A IR at VR V TKVZ %/K Dynamic Resistance Test Current Reverse Leakage Current Temperature Coefficient
www.vishay.com 2
Document Number 85609 Rev. 1.5, 21-Mar-06
TZM5221B to TZM5267B
Vishay Semiconductors
Partnumber Zener Voltage Range1) VZ V typ TZM5265B TZM5266B TZM5267B
1)
Dynamic Resistance
Test Current
Reverse Leakage Current
Temperature Coefficient TKVZ
rzjT at IZT typ 185 230 270
rzjK at IZK typ < 1400 < 1600 < 1700
IZT mA 2 1.8 1.7
IZK mA 0.25 0.25 0.25 A < 0.1 < 0.1 < 0.1
IR at VR V 47 52 56
%/K < + 0.097 < + 0.097 < + 0.098
62 68 75
Based on dc-measurement at thermal equilibrium; case temperature maintained at 30 C 2 C.
Package Dimensions in mm (Inches)
Cathode indification
0.47 max. (0.019) 3.7 (0.146) 3.3 (0.130)
foot print recommendation:
2.5 (0.098) max
1.6 (0.063) 1.4 (0.055) 1.25 (0.049) min 2.0 (0.079) min 5.0 (0.197) ref
Document no.: 6.560-5005.01-4 Rev. 7 - Date: 07.February.2005 96 12070
Document Number 85609 Rev. 1.5, 21-Mar-06
www.vishay.com 3
TZM5221B to TZM5267B
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
www.vishay.com 4
Document Number 85609 Rev. 1.5, 21-Mar-06
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of TZM5240B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X